Part Number Hot Search : 
ER802D 35125 KPY44R 00100 SKY77765 7GZITE1 MAX8704 MD3251
Product Description
Full Text Search
 

To Download JANTX2N3879 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/526 Devices 2N3879 Qualified Level JANTX JANTXV
MAXIMUM RATINGS Ratings
Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Base Current Collector Current Total Power Dissipation @ TC = 250C (1) Operating & Storage Junction Temperature Range
Symbol
VCEO VCBO VEBO IB IC PT TJ, Tstg Symbol RJC
Value
75 120 7.0 5.0 7.0 35 -65 to +200 Max. 5.0
Unit
Vdc Vdc Vdc Adc Adc W 0 C Unit 0 C/W
THERMAL CHARACTERISTICS
Characteristics Thermal Resistance, Junction-to-Case 1) Derate linearly 200 mW/0C for TC > 250C
TO-66* (TO-213AA)
*See Appendix A for Package Outline
ELECTRICAL CHARACTERISTICS (TC = 250C unless otherwise noted)
Characteristics Symbol V(BR)CEO ICEO ICEX ICBO IEBO Min. 75 5.0 4.0 25 10 Max. Unit Vdc Vdc mAdc mAdc mAdc
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage IC = 200 mAdc Collector-Emitter Cutoff Current VCE = 50 Vdc Collector-Emitter Cutoff Current VCE = 100 Vdc, VBE = 1.5 Vdc Collector-Base Cutoff Current VCB = 120 Vdc Emitter-Base Cutoff Current VEB = 7.0 Vdc
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 1 of 2
2N3879 JAN SERIES
ELECTRICAL CHARACTERISTICS (con't)
Characteristics Symbol Min. Max. Unit
ON CHARACTERISTICS (2)
Forward-Current Transfer Ratio IC = 0.5 Adc, VCE = 5.0 Vdc IC = 4.0 Adc, VCE = 5.0 Vdc IC = 4.0 Adc, VCE = 2.0 Vdc Collector-Emitter Saturation Voltage IC = 4.0 Adc, IB = 0.4 Adc Base-Emitter Saturation Voltage IC = 4.0 Adc, IB = 0.4 Adc Base-Emitter Voltage IC = 4.0 Adc, VCE = 2.0 Vdc hFE 40 20 12
80 100 1.2 2.0 1.8 Vdc Vdc Vdc
VCE(sat) VBE(sat) VBE(on)
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit Forward Current Transfer Ratio IC = 500 mAdc, VCE = 10 Vdc, f = 10 MHz Output Capacitance VCB = 10 Vdc, IE = 0, 0.1 MHz f 1.0 MHz hfe Cobo 4.0 20 175 pF
SWITCHING CHARACTERISTICS
Turn-On Time VCC = 30 Vdc; IC = 4.0 Adc; IB = 0.4 Adc Turn-Off Time VCC = 30 Vdc; IC = 4.0 Adc; IB = -IB = 0.4 Adc
t
on
0.44 1.2
s s
t
off
SAFE OPERATING AREA
DC Tests TC = +250C, 1 Cycle, t = 1.0 s Test 1 VCE = 5.0 Vdc, IC = 7.0 Adc Test 2 VCE = 28 Vdc, IC = 1.25 Adc Test 3 VCE = 40 Vdc, IC = 500 mAdc Test 4 VCE = 75 Vdc, IC = 100 mAdc (2) Pulse Test: Pulse Width = 300s, Duty Cycle 2.0%.
6 Lake Street, Lawrence, MA 01841 1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101 Page 2 of 2


▲Up To Search▲   

 
Price & Availability of JANTX2N3879

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X